PART |
Description |
Maker |
OM185ST OM186SR OM186ST OM183SC OM184SC OM185SR |
7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS 7.5A / 5A / 3A / 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 TO-258AA, 3 PIN
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. International Rectifier, Corp.
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
OM7624NM OM7621NM OM7622NM OM7623NM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
|
IRF[International Rectifier]
|
TK73200 TK73200MCL TK73200MCL_C00 TK73200M TK73200 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, PDSO8 ADJUSTABLE LOW DROPOUT REGULATOR
|
TOKO, Inc. TOKO Inc. TOKO[TOKO, Inc]
|
CS8182YDF8G |
Micropower 200mA Low Dropout Tracking Regulator/Line Driver; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 2.8 V-45 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor
|
OM1850STM OM1850 OM1850NKM OM1850NMM OM1850SRM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
|
International Rectifier Omnirel ETC[ETC] List of Unclassifed Manufacturers
|
OM1840SZM OM1840NCM OM-1840-N-C-M OM1840NKM OM-184 |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
|
IRF[International Rectifier]
|
APU1207M-18 APU1206H-18 APU1206H-25 APU1206K-25 |
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1.8 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PDSO8 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1.8 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO2 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO2 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A非常低压差正,固定和可调调节 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PDSO3
|
Advanced Power Electronics, Corp.
|
MAX604 MAX604CPA MAX604CSA MAX604EPA MAX604ESA MAX |
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators Quadruple 2-Input Positive-NOR Gates 20-LCCC -55 to 125 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.82 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO8 Quadruple 2-Input Positive-NOR Gates 14-CDIP -55 to 125 Quadruple 2-Input Positive-NAND Gates 20-LCCC -55 to 125 5V/3.3V or Adjustable Low-Dropout Low IQ 500mA Linear Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
AS2830 AS2830YR-X AS2830AT AS2830AR-3.3 AS2830YU-X |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response PositiveFixedVoltageRegulator 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 Positive Adjustable Voltage Regulator 积极可调电压稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation]
SIPEX
Cypress Semiconductor, Corp. Analog Devices, Inc.
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|